|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
PDB-C109 Blue Enhanced Photoconductive Silicon Photodiode PACKAGE DIMENSIONS INCH [mm] PACKAGE DIMENSIONS INCH [mm] O.555 [14.10] O.545 [13.84] O.490 [12.45] O.480 [12.19] .215 [5.46] .065 [1.65] ANODE 2X O.018 [0.46] 79 VIEWING O.449 [11.40] ANGLE O.444 [11.28] .295 [7.49] CATHODE .016 [0.41] MAX GLASS ABOVE CAP TOP EDGE 2X 1.50 [38.1] CHIP DIMENSIONS INCH [mm] CHIP DIMENSIONS INCH [mm] .341 [8.66] .231 [5.87] .209 [5.31] ACTIVE AREA TO-8 PACKAGE TO-8 PACKAGE .319 [8.10] ACTIVE AREA FEATURES * * * * Low noise Blue enhanced High shunt resistance High response DESCRIPTION The PDB-C109 is a blue enhanced PIN silicon photodiode in a photoconductive mode, packaged in a TO-8 package. APPLICATIONS * Instrumentation * Industrial * Medical ABSOLUTE MAXIMUM RATING (TA)= 23C UNLESS OTHERWISE NOTED VBR TSTG TO TS Reverse Voltage Storage Temperature Operating Temperature Soldering Temperature* -55 -40 75 +150 +125 +240 V C C C Responsivity (A/W) SPECTRAL RESPONSE 0.70 0.60 0.50 0.40 0.30 0.20 0.10 0.00 250 300 350 400 450 500 550 600 650 700 750 800 850 900 950 1000 1050 1100 Wavelength (nm) 1150 SYMBOL PARAMETER MIN MAX UNITS * 1/16 inch from case for 3 seconds max. ELECTRO-OPTICAL CHARACTERISTICS RATING (TA)= 23C UNLESS OTHERWISE NOTED SYMBOL ISC ID RSH CJ lrange R VBR NEP tr CHARACTERISTIC Short Circuit Current Dark Current Shunt Resistance Junction Capacitance Spectral Application Range Responsivity Breakdown Voltage Noise Equivalent Power Response Time** TEST CONDITIONS H = 100 fc, 2850 K VR = 10V VR = 10 mV VR =10 V, f = 1 MHz Spot Scan l= 450 nm V, VR = 0 V I = 10 A VR = 0V @ l=Peak RL = 50 ,VR = 0 V RL = 50 ,VR = 10 V MIN 450 30 350 0.15 30 TYP 500 5 100 120 0.17 50 5x10-13 190 13 MAX 15 UNITS A nA M pF nm A/W V W/ Hz nS 1100 **Response time of 10% to 90% is specified at 660nm wavelength light. Information in this technical datasheet is believed to be correct and reliable. However, no responsibility is assumed for possible inaccuracies or omission. Specifications are subject to change without notice. www.lasercomponents.com Issue: 08/06 / V1 / HW / api/si-pin/blue-photo-c/ PDB-C109.pdf Germany and other countries: LASER COMPONENTS GmbH, Phone: +49 8142 2864 0, Fax: +49 8142 2864 11, info@lasercomponents.com Great Britain: LASER COMPONENTS (UK) Ltd., Phone: +44 1245 491 499, Fax: +44 1245 491 801, info@lasercomponents.co.uk |
Price & Availability of PDB-C109 |